Part Number Hot Search : 
ST3020 00090 FDG312P LM193P 1PMT4109 BU9728 E0402 MUR480
Product Description
Full Text Search
 

To Download AP9973GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 60v single drive requirement r ds(on) 80m surface mount package i d 3.9a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a thermal resistance junction-ambient 3 max. 62.5 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 2 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.016 continuous drain current 3 , v gs @ 10v 2.5 pulsed drain current 1,2 20 gate-source voltage continuous drain current 3 , v gs @ 10v 3.9 parameter rating drain-source voltage 60 200422051-1/4 AP9973GM pb free plating product the advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, lower on-resistance and cost-effectiveness. 20 s1 g1 s2 g2 d1 d1 d2 d2 so-8 g2 d2 s2 g1 d1 s1
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.06 - v/ r ds(on) static drain-source on-resistance 2 v gs =10v, i d =3.9a - - 80 m v gs =4.5v, i d =2a - - 100 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =3.9a - 3.5 - s i dss drain-source leakage current (t j =25 o c) v ds =60v, v gs =0v - - 1 ua drain-source leakage current (t j =70 o c) v ds =48v ,v gs =0v - - 25 ua i gss gate-source leakage v gs =-- na q g total gate charge 2 i d =3.9a - 8 13 nc q gs gate-source charge v ds =48v - 2 - nc q gd gate-drain ("miller") charge v gs =4.5v - 4 - nc t d(on) turn-on delay time 2 v ds =30v - 8 - ns t r rise time i d =1a - 4 - ns t d(off) turn-off delay time r g =3.3 , v gs =10v - 20 - ns t f fall time r d =30 -6- ns c iss input capacitance v gs =0v - 700 1120 pf c oss output capacitance v ds =25v - 80 - pf c rss reverse transfer capacitance f=1.0mhz - 50 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =3.9a, v gs =0v - - 1.2 v t rr reverse recovery time i s =3.9a, v gs =0 v , - 28 - ns q rr reverse recovery charge di/dt=100a/s - 35 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. 3.surface mounted on 1 in 2 copper pad of fr4 board ; 135 /w when mounted on min. copper pad. 2/4 AP9973GM 20v 100
AP9973GM fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3/4 0.5 1 1.5 2 2.5 -50 0 50 100 150 t j ,junction temperature ( o c) v gs(th) (v) 0.0 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =3.9a 70 75 80 85 90 95 357911 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =3.9a t a =25 o c 0 5 10 15 20 25 30 35 40 012345678 v ds , drain-to-source voltage (v) i d , drain current (a) v g =3.0v t a =25 o c 10v 6.0v 5.0v 4.5v 0 5 10 15 20 25 30 012345678 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 o c v g =3.0v 10v 6.0v 5.0v 4.5v 0 1 2 3 4 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4/4 AP9973GM t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 10 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz ciss coss crss 0.01 0.1 1 10 100 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a rthja=135 /w t t 0.02 0 2 4 6 8 10 12 14 0 4 8 12 16 20 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =3.9a v ds =30v v ds =38v v ds =48v


▲Up To Search▲   

 
Price & Availability of AP9973GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X